PART |
Description |
Maker |
SL1ICS3001U SL1ICS3001W SL1ICS3001U/N5D SL1ICS3001 |
I.CODE1 Label IC Chip Specification SPECIALTY CONSUMER CIRCUIT, UUC4 5015 RR 3#8 SKT RECP 5015 RR 2#8 3#12 PIN RECP 5015 RR 3#8 PIN RECP
|
NXP Semiconductors N.V. Philips Semiconductors
|
IDT72V201L20J IDT72V201L20JI IDT72V211L20J IDT72V2 |
512 x 9 SyncFIFO, 3.3V 3.3 VOLT CMOS SyncFIFO 256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 3.3 VOLT CMOS SyncFIFO⑩ 256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 GT 11C 11#16 SKT RECP BOX RM 3.3 VOLT CMOS SyncFIFO 256 x 9/ 512 x 9/ 1/024 x 9/ 2/048 x 9/ 4/096 x 9 and 8/192 x 9 3.3 VOLT CMOS SyncFIFO256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 3.3伏的CMOS SyncFIFO56 × 912 × 9,024 × 9,048 × 9,096 × 9,192 × 9 GT 6C 3#4 3#16 SKT RECP WALL 1K X 9 OTHER FIFO, 6.5 ns, PQCC32 GT 7C 7#16S PIN RECP 3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 GT 8C 8#16 SKT RECP WALL GT 3C 3#16S PIN RECP WALL GT 4C 4#12 PIN PLUG 3.3 VOLT CMOS SyncFIFO?256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
APE5208 APEXX08 APE1008 APE0508 APE1508 APE2008 AP |
LJT 66C 66#22D SKT RECP LJT 11C 11#12 SKT WALL RECP very low cost voice and melody synthesizer with 4-bits CPU. Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:19-35 RoHS Compliant: No Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:19-32 RoHS Compliant: No Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:19-66 RoHS Compliant: No
|
Aplus Integrated Circuits Inc. Apuls Intergrated Circuits
|
ASBI0V0BF-1005 ASB0240 ASBI0V0BD-0603 ASB0240BD AS |
40 V, 200 mA, SMD schottky barrier diode ER 6C 6#16 PIN RECP LINE ER 5C 5#12 PIN RECP LINE
|
ANACHIP[Anachip Corp] ETC
|
AB1L3N AB1F3P AB1A3M AB1A4A AB1A4M AB1J3P AB1L2Q A |
JT 26C 26#20 PIN RECP 片上NPN硅外延电阻晶体管 JT 55C 55#22D PIN RECP 片上NPN硅外延电阻晶体管 on-chip resistor NPN silicon epitaxial transistor Hybrid transistor
|
NEC, Corp. NEC[NEC]
|
ADC0804 ADC0803LCD ADC0803LCN ADC0804-1CD ADC0804- |
Octal Buffer/Line Driver, OE Active Low IC 16-BIT OCTAL REG 48 TSSOP AC 11C 11#16 SKT RECP IC OCTAL BUFF/LINE DRV 20 QSOP CMOS 8-bit A/D converters
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
HAL516 HAL516A HAL516E HAL517 HAL517A HAL517E HAL5 |
JT 6C 6#22D SKT RECP JT 6C 6#22D PIN RECP Hall Effect Sensor Family
|
Micronas Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers List of Unclassifed Man...
|
AT804S16 |
ER 3C 3#8 SKT RECP 相位控制晶闸 ER 4C 3#12 1#4 PIN RECP 相位控制晶闸 PHASE CONTROL THYRISTOR
|
POSEICO SPA
|
NJG1704 NJG1704V NJG1704V-C1 NJG1704V-C10 NJG1704V |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C PTSE 6C 6#20 PIN RECP 800MHz频段前端砷化镓微波单片集成电 Circular Connector; No. of Contacts:11; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:18; Circular Contact Gender:Socket; Circular Shell Style:Cable Receptacle; Insert Arrangement:18-11 Circular Connector; No. of Contacts:5; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:14; Circular Contact Gender:Socket; Circular Shell Style:Cable Receptacle; Insert Arrangement:14-5 PT 19C 19#20 SKT RECP Circular Connector; No. of Contacts:4; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:8; Circular Contact Gender:Pin; Circular Shell Style:Cable Receptacle; Insert Arrangement:8-4 PT 3C 3#20 SKT RECP PT 16C 16#16 PIN RECP PT 4C 4#20 SKT RECP PT 55C 55#20 SKT RECP 71-148422-55P PT 41C 41#20 PIN RECP 800MHz BAND FRONT-END GaAs MMIC
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
K9F1608W0A-TCB0 K9F1608W0A-TIB0 |
2M x 8 Bit NAND Flash Memory TV 37C 37#16 PIN RECP 200万8位NAND闪存 TV 128C 128#22D SKT RECP
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|